PART |
Description |
Maker |
LC5555LD LC5556LD |
Single-Stage Power Factor Corrected High Efficiency Non-Isolated Buck LED Driver
|
Sanken electric
|
NCL30001 NCL30001DR2G |
High-Efficiency Single Stage Power Factor Correction and Step-Down Offline LED Driver
|
ON Semiconductor
|
AWT6106 |
The AWT6106 is a 3.5V (3.0V to 4.2V) high power, high efficiency, three stage power amplifier module for Dual Mode CDMA/PCS wireless ...
|
Anadigics Inc
|
PC110TG5-TR PC110TR5-TR |
T-1 SINGLE COLOR LED, HIGH EFFICIENCY GREEN, 3 mm T-1 SINGLE COLOR LED, HIGH EFFICIENCY RED, 3 mm
|
LEDtronics, Inc.
|
NCL30060BDR2G NCL30060-16 NCL30060B1DR2G |
High PF Offline Single Stage LED Driver
|
ON Semiconductor
|
TS19704 TS19704CSRLG |
Single-Stage Primary-Side Control with High PFC LED Driver
|
Taiwan Semiconductor Company, Ltd
|
VCN60BADJTU-1C MDCVCN6070 |
High Efficiency, High Current Density, 60 or 70 Amp Single Inline Package DC/DC Converters
|
Murata Manufacturing Co., Ltd.
|
HM62V8512B HM62V8512BLFP-7 HM62V8512BLFP-7SL HM62V |
ECONOLINE: RM & RL - Single Output Rail- Industry Standard Pinout- 1kVDC & 2kVDC Isolation- High Efficiency for Low Power Applications- UL94V-0 Package Material- Toroidal Magnetics- Fully Encapsulated- Efficiency to 80% ECONOLINE: RM & RL - Single Output Rail- Industry Standard Pinout- 1kVDC & 2kVDC Isolation- High Efficiency for Low Power Applications- UL94V-0 Package Material- Toroidal Magnetics- Fully Encapsulated- Efficiency to 80% Quadruple Bus Buffer Gate With 3-State Outputs 14-PDIP -40 to 85 4 M SRAM (512-kword x 8-bit)
|
Hitachi,Ltd. HITACHI[Hitachi Semiconductor]
|
MV5360.A2A0 HLMP-1321.D5A2 HLMP-1521.D5A0 HLMP-132 |
T-1 SINGLE COLOR LED, YELLOW, 3 mm T-1 SINGLE COLOR LED, HIGH EFFICIENCY RED, 3 mm T-1 SINGLE COLOR LED, HIGH EFFICIENCY GREEN, 3 mm T-1 SINGLE COLOR LED, RED, 3 mm
|
QT OPTOELECTRONICS
|
A29040B-70 A29040BL-55 A29040BL-55UF A29040BL-90 A |
ECONOLINE: RM & RL - Single Output Rail- Industry Standard Pinout- 1kVDC & 2kVDC Isolation- High Efficiency for Low Power Applications- UL94V-0 Package Material- Toroidal Magnetics- Fully Encapsulated- Efficiency to 80% 512K X 8 Bit CMOS 5.0 Volt-only, Uniform Sector Flash Memory
|
AMIC Technology Corporation http://
|
LTC1929 LTC1702 LTC1703 LTC1628-SYNC LTC3730 LTC37 |
Single-Phase, High Efficiency DC
|
Linear Dimensions Semiconductor
|